| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32W108HB Fiches technique(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108HB Fiches technique(HTML) 98 Page - STMicroelectronics |
|
98 / 278 page ![]() General-purpose input/output STM32W108HB STM32W108CC STM32W108CB STM32W108CZ 98/278 Doc ID 16252 Rev 14 8.5.3 Port x input data register (GPIOx_IDR) Address offset: 0xB008 (GPIOA_IDR), 0xB408 (GPIOB_IDR) and 0xB808 (GPIOC_IDR) Reset value: 0x0000 0000 Reserved, must be kept at reset value IDRy[7:0]: Port input data (y = 0...7) 8.5.4 Port x output data register (GPIOx_ODR) Address offset: 0xB00C (GPIOA_ODR), 0xB40C (GPIOB_ODR) and 0xB80C (GPIOC_ODR) Reset value: 0x0000 0000 Reserved, must be kept at reset value ODRy[7:0]: Port output data (y = 0...7) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved IDRy[7:0] rw rw rw rw rw rw rw rw Bits [31:8] Bits [7:0] 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ODRy[7:0] rw rw rw rw rw rw rw rw Bits [31:8] Bits [7:0] |