Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32W108HB Fiches technique(PDF) 84 Page - STMicroelectronics

No de pièce STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Fiches technique(HTML) 84 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 80Page - STMicroelectronics STM32W108HB Datasheet HTML 81Page - STMicroelectronics STM32W108HB Datasheet HTML 82Page - STMicroelectronics STM32W108HB Datasheet HTML 83Page - STMicroelectronics STM32W108HB Datasheet HTML 84Page - STMicroelectronics STM32W108HB Datasheet HTML 85Page - STMicroelectronics STM32W108HB Datasheet HTML 86Page - STMicroelectronics STM32W108HB Datasheet HTML 87Page - STMicroelectronics STM32W108HB Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
84/278
Doc ID 16252 Rev 14
6.6
Security accelerator
The STM32W108 contains a hardware AES encryption engine accessible from the ARM®
Cortex-M3. NIST-based CCM, CCM, CBC-MAC, and CTR modes are implemented in
hardware. These modes are described in the IEEE 802.15.4-2003 specification, with the
exception of CCM, which is described in the ZigBee Security Services Specification 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More