| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8540 Fiches technique(PDF) 123 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Fiches technique(HTML) 123 Page - Freescale Semiconductor, Inc |
|
123 / 1302 page ![]() Address Translation and Mapping MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor 2-5 The local access window registers exist as part of the local access block in the general utilities registers. See Section 2.3.3, “General Utilities Registers.” A detailed description of the local access window registers is given in the following sections. Note that the minimum size of a window is 4 Kbytes, so the low order 12 bits of the base address cannot be specified. 2.2.3.1 Local Access Register Memory Map Table 2-4 shows the memory map for the local access registers. Table 2-4. Local Access Register Memory Map Local Memory Offset (Hex) Register Access Reset Section/Page 0x0_0C08 LAWBAR0—Local access window 0 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0C10 LAWAR0—Local access window 0 attribute register R/W 0x0000_0000 2.2.3.3/2-6 0x0_0C28 LAWBAR1—Local access window 1 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0C30 LAWAR1—Local access window 1 attribute register R/W 0x0000_0000 2.2.3.3/2-6 0x0_0C48 LAWBAR2—Local access window 2 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0C50 LAWAR2—Local access window 2 attribute register R/W 0x0000_0000 2.2.3.3/2-6 0x0_0C68 LAWBAR3—Local access window 3 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0C70 LAWAR3—Local access window 3 attribute register R/W 0x0000_0000 2.2.3.3/2-6 0x0_0C88 LAWBAR4—Local access window 4 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0C90 LAWAR4—Local access window 4 attribute register R/W 0x0000_0000 2.2.3.3/2-6 0x0_0CA8 LAWBAR5—Local access window 5 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0CB0 LAWAR5—Local access window 5 attribute register R/W 0x0000_0000 2.2.3.3/2-6 0x0_0CC8 LAWBAR6—Local access window 6 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0CD0 LAWAR6—Local access window 6 attribute register R/W 0x0000_0000 2.2.3.3/2-6 0x0_0CE8 LAWBAR7—Local access window 7 base address register R/W 0x0000_0000 2.2.3.2/2-6 0x0_0CF0 LAWAR7—Local access window 7 attribute register R/W 0x0000_0000 2.2.3.3/2-6 |