| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8540 Fiches technique(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Fiches technique(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor xxi Contents Paragraph Number Title Page Number 13.4.3.9 SDRAM Read/Write Transactions....................................................................... 13-60 13.4.3.10 SDRAM MODE-SET Command Timing............................................................ 13-60 13.4.3.11 SDRAM Refresh.................................................................................................. 13-61 13.4.3.11.1 SDRAM Refresh Timing ................................................................................. 13-61 13.4.4 User-Programmable Machines (UPMs)................................................................... 13-62 13.4.4.1 UPM Requests ..................................................................................................... 13-63 13.4.4.1.1 Memory Access Requests................................................................................ 13-64 13.4.4.1.2 UPM Refresh Timer Requests ......................................................................... 13-65 13.4.4.1.3 Software Requests—RUN Command ............................................................. 13-65 13.4.4.1.4 Exception Requests.......................................................................................... 13-66 13.4.4.2 Programming the UPMs ...................................................................................... 13-66 13.4.4.3 UPM Signal Timing............................................................................................. 13-66 13.4.4.4 RAM Array .......................................................................................................... 13-67 13.4.4.4.1 RAM Words..................................................................................................... 13-68 13.4.4.4.2 Chip-Select Signal Timing (CSTn) ................................................................. 13-72 13.4.4.4.3 Byte Select Signal Timing (BSTn) .................................................................. 13-72 13.4.4.4.4 General-Purpose Signals (GnTn, GOn)........................................................... 13-73 13.4.4.4.5 Loop Control (LOOP) ..................................................................................... 13-73 13.4.4.4.6 Repeat Execution of Current RAM Word (REDO) ......................................... 13-74 13.4.4.4.7 Address Multiplexing (AMX) ......................................................................... 13-74 13.4.4.4.8 Data Valid and Data Sample Control (UTA) ................................................... 13-75 13.4.4.4.9 LGPL[0:5] Signal Negation (LAST) ............................................................... 13-76 13.4.4.4.10 Wait Mechanism (WAEN) ............................................................................... 13-76 13.4.4.5 Synchronous Sampling of LUPWAIT for Early Transfer Acknowledge ............ 13-77 13.4.4.6 Extended Hold Time on Read Accesses .............................................................. 13-77 13.4.4.7 Memory System Interface Example Using UPM ................................................ 13-78 13.5 Initialization/Application Information ......................................................................... 13-84 13.5.1 Interfacing to Peripherals......................................................................................... 13-84 13.5.1.1 Multiplexed Address/Data Bus and Unmultiplexed Address Signals ................. 13-84 13.5.1.2 Peripheral Hierarchy on the Local Bus................................................................ 13-84 13.5.1.3 Peripheral Hierarchy on the Local Bus for Very High Bus Speeds ..................... 13-85 13.5.1.4 GPCM Timings.................................................................................................... 13-86 13.5.2 Bus Turnaround ....................................................................................................... 13-87 13.5.2.1 Address Phase After Previous Read .................................................................... 13-87 13.5.2.2 Read Data Phase After Address Phase ................................................................ 13-88 13.5.2.3 Read-Modify-Write Cycle for Parity Protected Memory Banks ......................... 13-88 13.5.2.4 UPM Cycles with Additional Address Phases..................................................... 13-88 13.5.3 Interface to Different Port-Size Devices.................................................................. 13-88 13.5.4 Interfacing to SDRAM............................................................................................. 13-90 13.5.4.1 Basic SDRAM Capabilities of the Local Bus...................................................... 13-90 |