Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8540 Fiches technique(PDF) 120 Page - Freescale Semiconductor, Inc

No de pièce MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Fiches technique(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-2
Freescale Semiconductor
Memory Map
Figure 2-1 shows an example memory map.
Figure 2-1. Local Memory Map Example
Table 2-2 shows one corresponding set of local access window settings.
In this example, it is not necessary to use a local access window to specify the location of the boot
ROM because it is in the default location at the highest 8 Mbytes of memory (see Section 4.4.3.3,
“Boot ROM Location”). Neither is it required to define a local access window to describe the range
of memory used for memory-mapped registers because this is a fixed 1-Mbyte space pointed to by
CCSRBAR. See Section 4.3.1.1.2, “Configuration, Control, and Status Base Address Register
Table 2-2. Local Access Windows Example
Window
Base Address
Size
Target Interface
0
0x0000_0000
2 Gbytes
0b1111 (DDR SDRAM)
1
0x8000_0000
1 Mbyte
0b0100 (local bus)
2
0xA000_0000
256 Mbytes
0b0000 (PCI/PCI-X)
3
0xB000_0000
256 Mbytes
0b1100 (RapidIO)
4
0xC000_0000
256 Mbytes
0b0100 (local bus)
5–7
Unused
Example Local
0
0xFFFF_FFFF
0xA000_000
Memory Map
Memory
I/O
0xA000_0000
0xB000_0000
PCI-X
0xC000_0000
RapidIO
CCSR
Boot ROM
0x8000_000
Local Bus SRAM
DDR SDRAM
Local Bus Flash
Configuration Registers
Local Bus
DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More