Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW60H65DFB-4 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STGW60H65DFB-4
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB-4 Fiches technique(HTML) 3 Page - STMicroelectronics

  STGW60H65DFB-4 Datasheet HTML 1Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 2Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 3Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 4Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 5Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 6Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 3. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
VGE = 0 V, IC = 2 mA
650
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 15 V, IC = 60 A
1.6
2.0
V
VGE = 15 V, IC = 60 A,
TJ = 125 °C
1.75
VGE = 15 V, IC = 60 A,
TJ = 175 °C
1.85
VF
Forward on-voltage
IF = 60 A
2
2.6
V
IF = 60 A, TJ = 125 °C
1.7
IF = 60 A, TJ = 175 °C
1.6
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
25
µA
IGES
Gate-emitter leakage
current
VCE = 0 V, VGE = ±20 V
±250
nA
Table 4. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE= 25 V, f = 1 MHz, VGE = 0 V
-
7792
-
nF
Coes
Output capacitance
-
262
-
Cres
Reverse transfer
capacitance
-
158
-
Qg
Total gate charge
VCC = 520 V, IC = 60 A, VGE = 0
to 15 V (see Figure 29. Gate
charge test circuit)
-
306
-
nC
Qge
Gate-emitter charge
-
126
-
Qgc
Gate-collector charge
-
58
-
STGW60H65DFB-4
Electrical characteristics
DS11665 - Rev 3
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com