Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW60H65DFB-4 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STGW60H65DFB-4
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB-4 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STGW60H65DFB-4 Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 9Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 10Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 11Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 12Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 13Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 14Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
TO247-4 package information
Figure 31. TO247-4 package outline
8405626_2
STGW60H65DFB-4
Package information
DS11665 - Rev 3
page 11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com