| Moteur de recherche de fiches techniques de composants électroniques |
|
STBC15 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBC15 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 23 page ![]() Symbol Parameter Test conditions Min. Typ. Max. Unit IOH-CHGIN_OK CHGINOK, output current leakage VOH = 3.3 V 0.2 µA 1. Exceed maximum operative condition could damage internal device and reduce overall reliability level. In case external source could exceed this value, even during limited timing period, it is recommended to add external voltage clamp. STBC15 Electrical characteristics DS12551 - Rev 1 page 7/23 |