Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA540SA Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 18Page - STMicroelectronics STA540SA Datasheet HTML 19Page - STMicroelectronics STA540SA Datasheet HTML 20Page - STMicroelectronics STA540SA Datasheet HTML 21Page - STMicroelectronics STA540SA Datasheet HTML 22Page - STMicroelectronics STA540SA Datasheet HTML 23Page - STMicroelectronics STA540SA Datasheet HTML 24Page - STMicroelectronics STA540SA Datasheet HTML 25Page - STMicroelectronics STA540SA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
General structure
STA540SA
22/30
Doc ID 16066 Rev 2
8.8
Handling of the diagnostic information
As different diagnostic information is available at the same pin (clipping detection, output
fault, thermal proximity), the signal must be handled correctly in order to discriminate the
event. This could be done by taking into account the different timing of the diagnostic output
during each case.
Normally, clip-detector signalling under faulty conditions produces a low level at pin 12.
Based on this assumption, an interface circuitry to differentiate the information is shown in
Figure 34.
Figure 33.
Waveforms
Figure 34.
Interface circuit diagram
t
t
t
ST-BY PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 12
WAVEFORM
SHORT TO GND
OR TO Vs
D05AU1604_bc
CLIPPING
THERMAL
PROXIMITY
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30