| Moteur de recherche de fiches techniques de composants électroniques |
|
STA540SA Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA540SA Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 30 page ![]() Test and application board STA540SA 10/30 Doc ID 16066 Rev 2 4.2 Parts list Note: The application board is designed to also test the STA543SA device. Therefore, the following components must not be mounted for the STA540SA: R1, R2, R3, P1, P2, and P3. Table 6. Components Components Suggested value Purpose R4 10 k Ω Standby time constant C1, C3, C5, C7 0.22 µF Input AC coupling C8 470 µF Ripple rejection C9 10 µF Standby time constant C10 0.1 µF Supply voltage bypass C11 1000 µF Supply voltage bypass C12, C13, C14, C15 2200 µF Output AC coupling Obsolete Product(s) - Obsolete Product(s) |