Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF9160-SICA-R7 Fiches technique(PDF) 13 Page - Nordic Semiconductor

No de pièce NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Fiches technique(HTML) 13 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 9Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 17Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 400 page
background image
About this document
2.4.1 DUMMY
Address offset: 0x514
Example of a register controlling a dummy feature
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D D D D
C C C
B
A A
Reset 0x00050002
0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
ID
R/W
Field
Value ID
Value
Description
A
RW
FIELD_A
Example of a read-write field with several enumerated values
Disabled
0
The example feature is disabled
NormalMode
1
The example feature is enabled in normal mode
ExtendedMode
2
The example feature is enabled along with extra functionality
B
RW
FIELD_B
Example of a deprecated read-write field
This field is deprecated.
Disabled
0
The override feature is disabled
Enabled
1
The override feature is enabled
C
RW
FIELD_C
Example of a read-write field with a valid range of values
ValidRange
[2..7]
Example of allowed values for this field
D
RW
FIELD_D
Example of a read-write field with no restriction on the values
4418_1315 v2.0
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More