| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF9160-SICA-R7 Fiches technique(PDF) 66 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 Fiches technique(HTML) 66 Page - Nordic Semiconductor |
|
66 / 400 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_POFWARN Power failure warning NotGenerated 0 Event not generated Generated 1 Event generated 5.3.1.1.6 EVENTS_SLEEPENTER Address offset: 0x114 CPU entered WFI/WFE sleep Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_SLEEPENTER CPU entered WFI/WFE sleep NotGenerated 0 Event not generated Generated 1 Event generated 5.3.1.1.7 EVENTS_SLEEPEXIT Address offset: 0x118 CPU exited WFI/WFE sleep Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_SLEEPEXIT CPU exited WFI/WFE sleep NotGenerated 0 Event not generated Generated 1 Event generated 5.3.1.1.8 PUBLISH_POFWARN Address offset: 0x188 Publish configuration for event POFWARN Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event POFWARN will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 5.3.1.1.9 PUBLISH_SLEEPENTER Address offset: 0x194 Publish configuration for event SLEEPENTER 4418_1315 v2.0 66 |