| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF9160-SIBA-R Fiches technique(PDF) 72 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R Fiches technique(HTML) 72 Page - Nordic Semiconductor |
|
72 / 400 page ![]() Power and clock management Subscribe configuration for task HFCLKSTART Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task HFCLKSTART will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 5.3.2.1.6 SUBSCRIBE_HFCLKSTOP Address offset: 0x084 Subscribe configuration for task HFCLKSTOP Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task HFCLKSTOP will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 5.3.2.1.7 SUBSCRIBE_LFCLKSTART Address offset: 0x088 Subscribe configuration for task LFCLKSTART Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task LFCLKSTART will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 5.3.2.1.8 SUBSCRIBE_LFCLKSTOP Address offset: 0x08C Subscribe configuration for task LFCLKSTOP 4418_1315 v2.0 72 |