| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF9160-SIBA-R Fiches technique(PDF) 68 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R Fiches technique(HTML) 68 Page - Nordic Semiconductor |
|
68 / 400 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW SLEEPENTER Write '1' to enable interrupt for event SLEEPENTER Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW SLEEPEXIT Write '1' to enable interrupt for event SLEEPEXIT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.3.1.1.13 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW POFWARN Write '1' to disable interrupt for event POFWARN Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW SLEEPENTER Write '1' to disable interrupt for event SLEEPENTER Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW SLEEPEXIT Write '1' to disable interrupt for event SLEEPEXIT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.3.1.1.14 RESETREAS Address offset: 0x400 Reset reason Note: Unless cleared, the RESETREAS register will be cumulative. A field is cleared by writing '1' to it. If none of the reset sources are flagged, this indicates that the chip was reset from the on-chip reset generator, which will indicate a power-on reset or a brownout reset. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW RESETPIN Reset from pin reset detected 4418_1315 v2.0 68 |