Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMT10H032LFDF Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce DMT10H032LFDF
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT10H032LFDF Fiches technique(HTML) 2 Page - Diodes Incorporated

  DMT10H032LFDF Datasheet HTML 1Page - Diodes Incorporated DMT10H032LFDF Datasheet HTML 2Page - Diodes Incorporated DMT10H032LFDF Datasheet HTML 3Page - Diodes Incorporated DMT10H032LFDF Datasheet HTML 4Page - Diodes Incorporated DMT10H032LFDF Datasheet HTML 5Page - Diodes Incorporated DMT10H032LFDF Datasheet HTML 6Page - Diodes Incorporated DMT10H032LFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT10H032LFDF
Datasheet number: DS41972 Rev. 2 - 2
2 of 7
www.diodes.com
March 2020
© Diodes Incorporated
DMT10H032LFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V (Note 6)
TA = +25°C
TA = +70°C
ID
6
5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
40
A
Maximum Body Diode Continuous Current
IS
6
A
Pulsed Body Diode Current (10µs Pulse, Duty Cycle = 1%)
ISM
40
A
Avalanche Current, L = 0.3mH (Note 9)
IAS
13
A
Avalanche Energy, L = 0.3mH (Note 9)
EAS
25.3
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 5)
RJA
94.5
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.6
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 6)
RJA
75.2
°C/W
Thermal Resistance, Junction to Case (Note 6)
RJC
9.2
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
100
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 80V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.3
—
2.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
24
32
m
Ω
VGS = 10V, ID = 6A
—
33
46
VGS = 4.5V, ID = 4A
Diode Forward Voltage
VSD
—
0.8
1.0
V
VGS = 0V, IS = 6A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
683
—
pF
VDS = 50V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
165
—
pF
Reverse Transfer Capacitance
Crss
—
6.9
—
pF
Gate Resistance
Rg
—
1.2
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
6.3
—
nC
VDS = 50V, ID = 6A
Total Gate Charge (VGS = 10V)
Qg
—
11.9
—
nC
Gate-Source Charge
Qgs
—
2.0
—
nC
Gate-Drain Charge
Qgd
—
3.1
—
nC
Turn-On Delay Time
tD(ON)
—
4.1
—
ns
VDS = 50V, RL = 5.85Ω
VGS = 10V, RGEN = 3Ω
Turn-On Rise Time
tR
—
4.5
—
ns
Turn-Off Delay Time
tD(OFF)
—
12.5
—
ns
Turn-Off Fall Time
tF
—
9.3
—
ns
Reverse Recovery Time
tRR
—
31.5
—
ns
IF = 6A, di/dt = 500A/μs
Reverse Recovery Charge
QRR
—
94.6
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
9. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com