Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1686 Fiches technique(PDF) 1 Page - Kinetic Technologies.

No de pièce KTS1686
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1686 Fiches technique(HTML) 1 Page - Kinetic Technologies.

  KTS1686 Datasheet HTML 1Page - Kinetic Technologies. KTS1686 Datasheet HTML 2Page - Kinetic Technologies. KTS1686 Datasheet HTML 3Page - Kinetic Technologies. KTS1686 Datasheet HTML 4Page - Kinetic Technologies. KTS1686 Datasheet HTML 5Page - Kinetic Technologies. KTS1686 Datasheet HTML 6Page - Kinetic Technologies. KTS1686 Datasheet HTML 7Page - Kinetic Technologies. KTS1686 Datasheet HTML 8Page - Kinetic Technologies. KTS1686 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KTS1686
November 2016 - Revision 04a
Page 1
Company Confidential
Features
• Wide Input voltage range: 3.0V to +28V
• Integrated typical 65mΩ N-Channel MOSFET
• 4.5A Continuous Current
• Wide Over-Voltage threshold range
 Adjustable: 5V to 22V
 Fixed: 5.885V ± 3%
• Fast Over-Voltage response time 100ns
• Start-up Debounce time : 20ms (typ.)
• Low Quiescent Current : 140µA (typ.)
• Integrated Protection
 Thermal Shutdown
 Under voltage protection (UVLO)
 Soft-Start
 OUT to IN Reverse Blocking
• Open-drain & Logic Output Power Good pins
• Integrated Surge Protection up to +100V
• Pb-free Package:
 15-Bump WLCSP 1.6mm x 2.1mm
• -40°C to +85°C Temperature Range
Applications
• Smartphones and Tablets
• Mobile Internet Devices
• Peripherals, E-Readers
Brief Description
The KTS1686 over-voltage protection device features high
current integrated N-Ch MOSFETs with an ultra-low IN to
OUT on-resistance of 65
mΩ (typical), actively protecting
low-voltage systems from voltage supply faults up to
+28VDC. An internal clamp protects the device from
surges up to +100V.
An input voltage exceeding the over-voltage threshold will
cause the internal MOSFET to turn off, preventing
excessive voltage from damaging downstream devices.
When the OVLO input set below the external OVLO select
voltage, the KTS1686 automatically chooses the internal
fixed OVLO threshold, preset to 5.885V (typical). The over-
voltage protection threshold can be adjusted with optional
resistor divider to a voltage between 5V and 22V.
The KTS1686 also features reverse bias blocking,
preventing any voltage present at OUT not feeding back
into IN when the device is in the OFF state. When OTG_EN
is high, the path from OUT to IN is enabled, to permit the
powering of external OTG peripherals.
The KTS1686 also features additional protection including
enhanced ESD protection and thermal protection to protect
against over-load conditions.
The KTS1686 is available in a RoHS and Green compliant
15-Bump 1.6mm x 2.1mm WLCSP.
Typical Application
GND
OUT
IN
ACOK
C
IN
0.1µF
C
OUT
1µF
Battery
Charger
PMIC
Battery
Adapter/
USB
OVLO
R1
R2
OTG_EN
Application
Processor
KTS1686
ACOK
V
IO
V
IN
V
OUT
Optional
(For adjustable OVLO)
R3
100K
R4
100K
Overvoltage Protector with Bidirectional Blocking and Surge Protection


Numéro de pièce similaire - KTS1686

FabricantNo de pièceFiches techniqueDescription
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680AEUZ-TR KINETIC-KTS1680AEUZ-TR Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
KTS1680CEUZ-TR KINETIC-KTS1680CEUZ-TR Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results

Description similaire - KTS1686

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
logo
Bourns Electronic Solut...
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4A250H3BJ BOURNS-TISP4A250H3BJ_07 Datasheet
548Kb / 8P
ASYMMETRICAL-BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P015L1N BOURNS-TISP4P015L1N_10 Datasheet
368Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4310T3BJ BOURNS-TISP4310T3BJ_08 Datasheet
353Kb / 5P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
logo
Kinetic Technologies.
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com