Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ORG4572-R01-TR2 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 2Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 3Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 4Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 5Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 6Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 7Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 8Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Page 6 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
7. REVISION HISTORY
REVISION
DATE
CHANGE DESCRIPTION
A00
November 23, 2013
First release
2.0
November 23, 2014
C01 ordering option (Single-stage LNA variant) release
GPIO1, GPIO2 have built-in pull-up resistors of 2.2kΩ
Editorial updates
3.0
January 20, 2015
Delisting CO1 option
TABLE 2 – REVISION HISTORY
8. GLOSSARY
A-GPS Assisted GPS
ABP™ Almanac Based Position
AC Alternating Current
ADC Analog to Digital Converter
AGC Automatic Gain Control
APM™ Adaptive Power Management
ATP™ Adaptive Trickle Power
BBRAM Battery Backed-up RAM
BE Broadcast Ephemeris
BPF Band Pass Filter
C/N0 Carrier to Noise density ratio [dB-Hz]
CDM Charged Device Model
CE European Community conformity mark
CEP Circular Error Probability
CGEE™ Client Generated Extended Ephemeris
CMOS Complementary Metal-Oxide Semiconductor
CPU Central Processing Unit
CTS Clear-To-Send
CW Continuous Wave
DC Direct Current
DOP Dilution Of Precision
DR Dead Reckoning
DSP Digital Signal Processor
ECEF Earth Centred Earth Fixed
ECHA European Chemical Agency
EE Extended Ephemeris
EGNOS European Geostationary Navigation Overlay Service
EIA Electronic Industries Alliance
EMC Electro-Magnetic Compatibility
EMI Electro-Magnetic Interference
ENIG Electroless Nickel Immersion Gold
ESD Electro-Static Discharge
ESR Equivalent Series Resistance
EU European Union
EVB Evaluation Board
EVK Evaluation Kit
FCC Federal Communications Commission
FSM Finite State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40