| Moteur de recherche de fiches techniques de composants électroniques |
|
MFD-AC-R16 Fiches technique(PDF) 21 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
MFD-AC-R16 Fiches technique(HTML) 21 Page - Eaton All Rights Reserved. |
|
21 / 23 page ![]() Volume 7—Motor Controls, Logic and Connectivity CA08100008E—August 2011 www.eaton.com V7-T40-39 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40.3 Control Relays and Timers EASY Intelligent Relays Dimensions Approximate Dimensions in Inches (mm) EASY200-POW/EASY256-HCI and EASY400-POW Series, Drawing Number MD05013004E MFD-XS-80 and MFD-XM-80 Series, Drawing Number MD05013009E 2.81 (71.5) 1.41 (35.8) 3.54 (90.0) 4.02 (102.0) 4.33 (110.0) 1.97 (50.0) 0.42 (10.8) 1.77 (45.0) 0.18 (4.5) 2.22 (56.5) 1.87 (47.5) (M4) .157 (3.9) Dia. 0.30 (7.5) 0.30 (7.5) 1.40 (35.5) 3.54 (90.0) 4.02 (102.0) 4.33 (110.0) EASY400-POW EASY256-HCI EASY200-POW 0.98 (25.0) 3.74 (95.0) 3.41 (86.5) 3.48 (88.5) 3.48 (88.5) 0.89 (22.5) MFD-XS-80 MFD-XM-80 |