Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFD-AC-R16 Fiches technique(PDF) 9 Page - Eaton All Rights Reserved.

No de pièce MFD-AC-R16
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFD-AC-R16 Fiches technique(HTML) 9 Page - Eaton All Rights Reserved.

Back Button MFD-AC-R16 Datasheet HTML 5Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 6Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 7Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 8Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 9Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 10Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 11Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 12Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 13Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
V7-T40-27
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3
Control Relays and Timers
EASY Intelligent Relays
Dimensions
Approximate Dimensions in Inches (mm)
EASY600 Series, Drawing Number MD05013002E
EASY202-RE/EASY200-EASY/EASY205-ASI Series, Drawing Number MD05013012E
4.23 (107.5)
3.54
(90.0)
4.02
(102.0)
4.33
(110.0)
2.96 (75.0)
0.64 (16.3)
(M4)
0.157
(3.9)
Dia.
0.64 (16.3)
EASY600
2.28 (58.0)
0.18 (4.5)
2.22 (56.5)
1.87 (47.5)
1.77
(45.0)
(M4)
0.157
(3.9)
Dia.
0.30
(7.5)
4.33
(110.0)
4.02
(102.0)
3.54
(90.0)
0.30
(7.5)
1.40
(35.5)
1.87
(47.5)
2.22
(56.5)
0.18
(4.5)
1.77
(45.0)
2.28
(58.0)
EASY202-RE
EASY200-EASY
EASY205-ASI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23