| Moteur de recherche de fiches techniques de composants électroniques |
|
B7AH-R6D53 Fiches technique(PDF) 50 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7AH-R6D53 Fiches technique(HTML) 50 Page - Omron Electronics LLC |
|
50 / 121 page ![]() G70D-B7A G70D-B7A 48 G3DZ-2R6PL (Power MOS FET Relay Mounted to G70D-R6M j1-B7A) Load Current vs. Ambient Temperature Inrush Current Resistivity (Non-repetitive) (The value will be less than half for repetitive inrush currents.) Note: The above graph shows the characteris- tics for the Relay when it is mounted to the G70D. Note: The above graph shows the characteris- tics for the Relay when it is mounted to the G70D. Ambient temperature ( °C) Energizing time (ms) Operation I/O Combinations Screw terminal model (32 points) Input (Transmission) Output (Reception) Input (Transmission) Relay output model (16 points) G70D-B7A Note: Not connectable to high- speed B7A models. Screw terminal model (16 output points) Modular model (16 points) B7A Hybrid IC model (16 points) B7AH PLC connector model (16 points) B7A PLC connector model (32 points) B7A B7A B7AS B7AS |