Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC244002 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce AC244002
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244002 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button AC244002 Datasheet HTML 12Page - Microchip Technology AC244002 Datasheet HTML 13Page - Microchip Technology AC244002 Datasheet HTML 14Page - Microchip Technology AC244002 Datasheet HTML 15Page - Microchip Technology AC244002 Datasheet HTML 16Page - Microchip Technology AC244002 Datasheet HTML 17Page - Microchip Technology AC244002 Datasheet HTML 18Page - Microchip Technology AC244002 Datasheet HTML 19Page - Microchip Technology AC244002 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
Required Debug Headers
DS51292T-page 16
 2006-2012 Microchip Technology Inc.
AC162060
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
For the PIC16F785 20-pin header, you will need to connect the jumper J2 to enable the
shunt regulator.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC162060
PIC16F785-ICD
02-01820
Device
Device Type
Jumper J2
Function
PIC16F785
F
1-2
Disable shunt regulator
PIC16HV785
HV
2-3
Enable shunt regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78