Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC244002 Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce AC244002
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244002 Fiches technique(HTML) 26 Page - Microchip Technology

Back Button AC244002 Datasheet HTML 22Page - Microchip Technology AC244002 Datasheet HTML 23Page - Microchip Technology AC244002 Datasheet HTML 24Page - Microchip Technology AC244002 Datasheet HTML 25Page - Microchip Technology AC244002 Datasheet HTML 26Page - Microchip Technology AC244002 Datasheet HTML 27Page - Microchip Technology AC244002 Datasheet HTML 28Page - Microchip Technology AC244002 Datasheet HTML 29Page - Microchip Technology AC244002 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
Required Debug Headers
DS51292T-page 26
 2006-2012 Microchip Technology Inc.
AC244028
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting dif-
ferent ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
For this header, you will need to set up jumper J2 and J3.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC244028
PIC24F16KA102-ICE
02-02107
Jumper
Setting
Function
J2
Open
Disable weak ICE/MCLR pull-up resistor
Short
Enable weak ICE/MCLR pull-up resistor
J3
Open
Disable power LED indicator
Short
Enable power LED indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78