Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC244036 Fiches technique(PDF) 28 Page - Microchip Technology

No de pièce AC244036
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244036 Fiches technique(HTML) 28 Page - Microchip Technology

Back Button AC244036 Datasheet HTML 24Page - Microchip Technology AC244036 Datasheet HTML 25Page - Microchip Technology AC244036 Datasheet HTML 26Page - Microchip Technology AC244036 Datasheet HTML 27Page - Microchip Technology AC244036 Datasheet HTML 28Page - Microchip Technology AC244036 Datasheet HTML 29Page - Microchip Technology AC244036 Datasheet HTML 30Page - Microchip Technology AC244036 Datasheet HTML 31Page - Microchip Technology AC244036 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
Required Debug Headers
DS51292T-page 28
 2006-2012 Microchip Technology Inc.
AC244045
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting dif-
ferent ICE/ICD devices. To identify this debug header, use the following information.
Because the ICE chip is based on the PIC10F320 device, the ICE device memory will
be greater that the actual chip for the PIC10F322 device.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC244045
PIC10F320-ICE
02-02255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78