| Moteur de recherche de fiches techniques de composants électroniques |
|
AC244036 Fiches technique(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244036 Fiches technique(HTML) 26 Page - Microchip Technology |
|
26 / 78 page ![]() Required Debug Headers DS51292T-page 26 2006-2012 Microchip Technology Inc. AC244028 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting dif- ferent ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For this header, you will need to set up jumper J2 and J3. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC244028 PIC24F16KA102-ICE 02-02107 Jumper Setting Function J2 Open Disable weak ICE/MCLR pull-up resistor Short Enable weak ICE/MCLR pull-up resistor J3 Open Disable power LED indicator Short Enable power LED indicator |