Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9218PC Fiches technique(PDF) 68 Page - ESS Technology,Inc

No de pièce ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Fiches technique(HTML) 68 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 64Page - ESS Technology,Inc ES9218PC Datasheet HTML 65Page - ESS Technology,Inc ES9218PC Datasheet HTML 66Page - ESS Technology,Inc ES9218PC Datasheet HTML 67Page - ESS Technology,Inc ES9218PC Datasheet HTML 68Page - ESS Technology,Inc ES9218PC Datasheet HTML 69Page - ESS Technology,Inc ES9218PC Datasheet HTML 70Page - ESS Technology,Inc ES9218PC Datasheet HTML 71Page - ESS Technology,Inc ES9218PC Datasheet HTML 72Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
68
Register 34-37: Programmable NCO (0x22 - 0x25)
Bits
[31:0]
Mnemonic
nco_num
Default
32’d0
Bit
Mnemonic
Description
[31:0]
nco_num
The Numerically Controlled Oscillator (NCO) is an unsigned 32-bit quantity that defines the ratio between
CLK and FSR.
32’d0: disables NCO mode (default)
32’d#: enables NCO mode
The NCO number is related to FSR and CLK by the following equation:
FSR (raw sample rate) =
(nco_num ∗ CLK)
232
This feature is most commonly used to generate arbitrary DATA_CLK frequencies in master mode. See
Master Mode for more details. NCO mode also supports synchronous operation in slave mode with
a programmable CLK/FSR ratio as long as the following condition is true:
CLK
FSR
> 128
Contact your local FAE regarding DoP master mode support using NCO mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More