Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9218PC Fiches technique(PDF) 44 Page - ESS Technology,Inc

No de pièce ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Fiches technique(HTML) 44 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 40Page - ESS Technology,Inc ES9218PC Datasheet HTML 41Page - ESS Technology,Inc ES9218PC Datasheet HTML 42Page - ESS Technology,Inc ES9218PC Datasheet HTML 43Page - ESS Technology,Inc ES9218PC Datasheet HTML 44Page - ESS Technology,Inc ES9218PC Datasheet HTML 45Page - ESS Technology,Inc ES9218PC Datasheet HTML 46Page - ESS Technology,Inc ES9218PC Datasheet HTML 47Page - ESS Technology,Inc ES9218PC Datasheet HTML 48Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
44
Register 5: Automute Level (0x05)
Bits
[7]
[6:0]
Mnemonic
reserved
automute_level
Default
1’b0
7’d104
Bit
Mnemonic
Description
[7]
reserved
[6:0]
automute_level
Configures the threshold which the audio must be below before an automute condition is flagged.
The level is measured in decibels (dB) and defaults
to -104dB.
This register works in tandem with Register 4: Automute Time (0x04) to create the automute
condition.
See Automute for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More