| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F684 Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F684 Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 78 page ![]() Required Debug Headers DS51292T-page 16 2006-2012 Microchip Technology Inc. AC162060 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For the PIC16F785 20-pin header, you will need to connect the jumper J2 to enable the shunt regulator. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC162060 PIC16F785-ICD 02-01820 Device Device Type Jumper J2 Function PIC16F785 F 1-2 Disable shunt regulator PIC16HV785 HV 2-3 Enable shunt regulator |