Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F684 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce PIC16F684
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 14Page - Microchip Technology PIC16F684 Datasheet HTML 15Page - Microchip Technology PIC16F684 Datasheet HTML 16Page - Microchip Technology PIC16F684 Datasheet HTML 17Page - Microchip Technology PIC16F684 Datasheet HTML 18Page - Microchip Technology PIC16F684 Datasheet HTML 19Page - Microchip Technology PIC16F684 Datasheet HTML 20Page - Microchip Technology PIC16F684 Datasheet HTML 21Page - Microchip Technology PIC16F684 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
Required Debug Headers
DS51292T-page 18
 2006-2012 Microchip Technology Inc.
AC162061
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
For the PIC16F690 20-pin header, you will need to set the S1 switches (Figure 6) to
enable peripherals and choose devices (Table 2).
FIGURE 6:
S1 SWITCH HARDWARE
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC162061
PIC16F690-ICD
02-01835
TABLE 2:
S1 SWITCH DEVICE SELECTION
Device
Switches
1
ECCP
2
SSP
3
USART
4
4k PFM
5
ADC
PIC16F631
00
0
0
*
0
PIC16F677
01
00
**
1
PIC16F685
10
0
1
1
PIC16F687
01
10
**
1
PIC16F689
01
1
1
1
PIC16F690
11
1
1
1
Legend: 1 = Enabled 0 = Disabled * = 1k PFM ** = 2k PFM
Switch configuration at left
shows all peripherals disabled,
which is the setting to select the
PIC16F631 device.
ON
DIP
12
3
4
5
S1
S1
12 3 4 5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78