Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24F04KA201 Fiches technique(PDF) 65 Page - Microchip Technology

No de pièce PIC24F04KA201
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Fiches technique(HTML) 65 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 61Page - Microchip Technology PIC24F04KA201 Datasheet HTML 62Page - Microchip Technology PIC24F04KA201 Datasheet HTML 63Page - Microchip Technology PIC24F04KA201 Datasheet HTML 64Page - Microchip Technology PIC24F04KA201 Datasheet HTML 65Page - Microchip Technology PIC24F04KA201 Datasheet HTML 66Page - Microchip Technology PIC24F04KA201 Datasheet HTML 67Page - Microchip Technology PIC24F04KA201 Datasheet HTML 68Page - Microchip Technology PIC24F04KA201 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
 2006-2012 Microchip Technology Inc.
DS51292T-page 65
Appendix B. Debug Header Connections
INTRODUCTION
The different types of debug header connectors are shown here, as well as information
on connecting development tools to the header.
• 6-Pin Modular Connector
• 8-Pin SIL Connector
• 6-Pin SIL Connector
• SIL Optional Connection
• Modular-to-SIL Adapter
• Ordering Information
6-PIN MODULAR CONNECTOR
Debug headers with 6-pin modular (RJ-11/ICSP) connectors can connect directly with
the following tools:
• MPLAB REAL ICE in-circuit emulator (Standard Driver Board)
• MPLAB ICD 2 or 3
FIGURE 1:
MODULAR CONNECTION
Header
Connector
From
Header
Connector
Tool
From
Tool
TOP
SIDE
J1
TOP
SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78