Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24F04KA201 Fiches technique(PDF) 53 Page - Microchip Technology

No de pièce PIC24F04KA201
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Fiches technique(HTML) 53 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 49Page - Microchip Technology PIC24F04KA201 Datasheet HTML 50Page - Microchip Technology PIC24F04KA201 Datasheet HTML 51Page - Microchip Technology PIC24F04KA201 Datasheet HTML 52Page - Microchip Technology PIC24F04KA201 Datasheet HTML 53Page - Microchip Technology PIC24F04KA201 Datasheet HTML 54Page - Microchip Technology PIC24F04KA201 Datasheet HTML 55Page - Microchip Technology PIC24F04KA201 Datasheet HTML 56Page - Microchip Technology PIC24F04KA201 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
Optional Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 53
AC244033, AC244034
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
For this header, there are no jumpers/switches. MPLAB IDE will use its selected device
to choose the correct device to emulate.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figures below list the dimensions for the debug headers. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
Header
ICE/ICD Device
Board Assembly Number
AC244033
PIC18F14K22-ICE
02-02031
AC244034
PIC18LF14K22-ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78