Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902DT Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LM2902DT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902DT Fiches technique(HTML) 3 Page - STMicroelectronics

  LM2902DT Datasheet HTML 1Page - STMicroelectronics LM2902DT Datasheet HTML 2Page - STMicroelectronics LM2902DT Datasheet HTML 3Page - STMicroelectronics LM2902DT Datasheet HTML 4Page - STMicroelectronics LM2902DT Datasheet HTML 5Page - STMicroelectronics LM2902DT Datasheet HTML 6Page - STMicroelectronics LM2902DT Datasheet HTML 7Page - STMicroelectronics LM2902DT Datasheet HTML 8Page - STMicroelectronics LM2902DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
Pinout information
Figure 2. Package pin connections (top view)
VCC-
IN4+
NC
IN3+
VCC+
NC
IN1+ 1
2
3
4
16
15
14 13
12
11
10
9
5
6
7
8
NC(1)
SO14 and TSSOP14
QFN16 3x3
Output 1
Inverting input 1
Non-inverting input 1
VCC
+
1
2
3
4
8
5
6
7
9
10
11
12
13
14
-
+
-
+
-
+
-
+
Non-inverting Input 2
Inverting input 2
Output 2
Output 4
Inverting input 4
Non-inverting input 4
VCC
-
Non-inverting input 3
Inverting input 3
Output 3
IN2+
1.
The exposed pads of the QFN16 3x3 can be connected to VCC- or left floating.
LM2902
Pinout information
DS0506 - Rev 9
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20