Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902DT Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce LM2902DT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902DT Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button LM2902DT Datasheet HTML 4Page - STMicroelectronics LM2902DT Datasheet HTML 5Page - STMicroelectronics LM2902DT Datasheet HTML 6Page - STMicroelectronics LM2902DT Datasheet HTML 7Page - STMicroelectronics LM2902DT Datasheet HTML 8Page - STMicroelectronics LM2902DT Datasheet HTML 9Page - STMicroelectronics LM2902DT Datasheet HTML 10Page - STMicroelectronics LM2902DT Datasheet HTML 11Page - STMicroelectronics LM2902DT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Figure 9. Common-mode rejection ratio
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1 K
10K
100K
1M
-
+
eI
100kΩ
+7.5V
eO
< 7.5V
100Ω
100Ω
100kΩ
Figure 10. Output characteristics (sink)
Figure 11. Open-loop frequency response
1.0
1 0
100
1k
10 k
100k
1M
10M
VCC = +10 to + 1 5V &
FRE Q UENCY (Hz)
10 MΩ
VI
VCC/2
VCC = 30V &
0.1µF
VCC
VO
-
+
-55°C Tam b
+125 °C
140
120
100
80
60
40
20
0
-55°C Tam b
+125 °C
Figure 12. Voltage follower pulse response
0
1
2
3
4
5
6
7
8
Inpu t
Tam b = +25°C
VCC = 30 V
Output
e O
e l
50 pF
+
-
TIME (µs)
500
450
400
350
300
250
Figure 13. Large signal frequency response
FRE Q UENCY (Hz)
1k
10k
100 k
1M
+7V
2kΩ
1kΩ
100k Ω
+15V
VO
-
+
VI
20
15
10
5
0
Figure 14. Output characteristics (source)
LM2902
Electrical characteristic curves
DS0506 - Rev 9
page 8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com