| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2902 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2902 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 20 page ![]() 2 Pinout information Figure 2. Package pin connections (top view) VCC- IN4+ NC IN3+ VCC+ NC IN1+ 1 2 3 4 16 15 14 13 12 11 10 9 5 6 7 8 NC(1) SO14 and TSSOP14 QFN16 3x3 Output 1 Inverting input 1 Non-inverting input 1 VCC + 1 2 3 4 8 5 6 7 9 10 11 12 13 14 - + - + - + - + Non-inverting Input 2 Inverting input 2 Output 2 Output 4 Inverting input 4 Non-inverting input 4 VCC - Non-inverting input 3 Inverting input 3 Output 3 IN2+ 1. The exposed pads of the QFN16 3x3 can be connected to VCC- or left floating. LM2902 Pinout information DS0506 - Rev 9 page 3/20 |