Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC162083 Fiches technique(PDF) 46 Page - Microchip Technology

No de pièce AC162083
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162083 Fiches technique(HTML) 46 Page - Microchip Technology

Back Button AC162083 Datasheet HTML 42Page - Microchip Technology AC162083 Datasheet HTML 43Page - Microchip Technology AC162083 Datasheet HTML 44Page - Microchip Technology AC162083 Datasheet HTML 45Page - Microchip Technology AC162083 Datasheet HTML 46Page - Microchip Technology AC162083 Datasheet HTML 47Page - Microchip Technology AC162083 Datasheet HTML 48Page - Microchip Technology AC162083 Datasheet HTML 49Page - Microchip Technology AC162083 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
Optional Debug Headers
DS51292T-page 46
 2006-2012 Microchip Technology Inc.
Header Dimensions
The figure below lists the dimensions for the debug header. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
FIGURE 8:
DIMENSIONS – AC162078
M
18-Pin Target Pin 1 Located
on Bottom side of Header
Dimensions are in inches
Top
28-Pin Target Pin 1 Located
on Bottom side of Header
Side
0.062 Typical
0.560
Typical
0.165 Typical
2.300
0.950
0.410
0.300
0.150
2.050
6-pin Modular Connector
See Appendix B. “Debug Header
Connections” for details.
ICE Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78