Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC162083 Fiches technique(PDF) 45 Page - Microchip Technology

No de pièce AC162083
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162083 Fiches technique(HTML) 45 Page - Microchip Technology

Back Button AC162083 Datasheet HTML 41Page - Microchip Technology AC162083 Datasheet HTML 42Page - Microchip Technology AC162083 Datasheet HTML 43Page - Microchip Technology AC162083 Datasheet HTML 44Page - Microchip Technology AC162083 Datasheet HTML 45Page - Microchip Technology AC162083 Datasheet HTML 46Page - Microchip Technology AC162083 Datasheet HTML 47Page - Microchip Technology AC162083 Datasheet HTML 48Page - Microchip Technology AC162083 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
Optional Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 45
After the debug header is set up, do the following:
1.
Connect the header to the PICDEM MC/MC LV target board.
2.
Power the target board. You should see the red LED on the debug header turn
on.
3.
Connect the debug tool to the debug header.
4.
Program the part with the demo code.
5.
Run the program.
6.
Press and release switch S2 on the target board to toggle the direction of the
motor’s rotation.
7.
Press and release switch S1 on the target board to toggle between running and
stopping the motor.
8.
If the motor stops while reversing from a high speed, there could be an
overcurrent condition detected by the system. Reset the system to run the
program again.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78