| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5600-ASOM Fiches technique(PDF) 31 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS5600-ASOM Fiches technique(HTML) 31 Page - OSRAM GmbH |
|
31 / 44 page ![]() Page 30 ams Datasheet Document Feedback [v1-06] 2018-Jun-20 AS5600 − Register Description Figure 34: Step Response (fast filter ON) Direction (clockwise vs. counterclockwise) The AS5600 allows controlling the direction of the magnet rotation with the DIR pin. If DIR is connected to GND (DIR = 0) a clockwise rotation viewed from the top will generate an increment of the calculated angle. If the DIR pin is connected to VDD (DIR = 1) an increment of the calculated angle will happen with counterclockwise rotation. Figure 35: Raw Angle in Clockwise Direction Input Sampling Frequency Settling Time according slow filter setting Noise Fast Filter Noise slow filter Output response Fast filter step response Threshold 1 VDD5V 2 VDD3V3 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 DIR 8 SCL 7 SDA 6 ST 5 3 AOUT GND VDD5V 2 VDD3V3 DIR 8 SCL 7 3 AOUT GND SDA 6 ST 5 N S 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT GND SDA 6 ST 5 DIR 8 SCL 7 0 Deg 180 Deg 90 Deg 270 Deg CW CW CW RAW ANGLE = 0 RAW ANGLE = 1024 RAW ANGLE = 2048 RAW ANGLE = 3072 1 VDD5V 2 VDD3V3 1 VDD5V 2 VDD3V3 1 VDD5V 2 VDD3V3 |