Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5600-ASOM Fiches technique(PDF) 30 Page - OSRAM GmbH

No de pièce AS5600-ASOM
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOM Fiches technique(HTML) 30 Page - OSRAM GmbH

Back Button AS5600-ASOM Datasheet HTML 26Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 27Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 28Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 29Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 30Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 31Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 32Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 33Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ams Datasheet
Page 29
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Register Description
For a fast step response and low noise after settling, the fast
filter can be enabled. The fast filter works only if the input
variation is greater than the fast filter threshold, otherwise the
output response is determined only by the slow filter. The fast
filter threshold is programmed with the FTH bits in the CONF
Register. As shown in Figure 34, the step response stays within
an error band after two full sampling periods to settle to the
final value determined by the slow filter.
Figure 33:
Fast Filter Threshold
FTH
Fast Filter Threshold (LSB)
Slow-to-fast filter
Fast-to-slow filter
000
Slow filter only
001
6
1
010
7
1
011
9
1
100
18
2
101
21
2
110
24
2
111
10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44