Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

76232103 Fiches technique(PDF) 13 Page - Toshiba Semiconductor

No de pièce 76232103
Description  Projection Television
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Fiches technique(HTML) 13 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor 76232103 Datasheet HTML 12Page - Toshiba Semiconductor 76232103 Datasheet HTML 13Page - Toshiba Semiconductor 76232103 Datasheet HTML 14Page - Toshiba Semiconductor 76232103 Datasheet HTML 15Page - Toshiba Semiconductor 76232103 Datasheet HTML 16Page - Toshiba Semiconductor 76232103 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
- 13 -
LIGHT ENGINE REPLACEMENT
Cautions when replacing LIGHT ENGINE
LIGHT ENGINE UNIT:
A271 : LV-682 TB
LIGHT ENGINE is a heart of the TV and emits high heat.
Make sure to replace it after turning off the TV and wait
for sufficient cool down. (More than one hour is recom-
mended.)
Do not impact during replacement; otherwise, some
parts may be damaged.
Do not touch optical lens. Adhesion of dirt may deterio-
rate its performance.
Do not loosen any screw other than those to be removed
for adjustment or replacement.
LIGHT ENGINE emits ultraviolet rays when the TV is
ON. Make sure to be careful.
(Including with E998Z, SK01 to SK04, SK06,SK08 and SK09.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45