| Moteur de recherche de fiches techniques de composants électroniques |
|
76232103 Fiches technique(PDF) 11 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 Fiches technique(HTML) 11 Page - Toshiba Semiconductor |
|
11 / 45 page ![]() 1. Turn off the TV and unplug the power cord. 2. STOP! Allow the lamp to cool for at least one (1) hour before replacing it. 3. On the lamp unit door on the side of the TV, loosen the screw using a manual screw driver, and then remove the lamp unit door. 4. Using a manual screwdriver, loosen the two screws on the lamp unit. 5. Grasp the lamp unit handle and gently pull the lamp unit straight out of the TV. Set the old lamp unit aside. 6. Carefully insert the new lamp unit straight into the TV until it is fully seated. Note : Never subject the lamp unit to excessive shock. Never touch the lamp unit glass or otherwise get it dirty. Doing so may affect the image quality and reduce the service life of the lamp. See “Cleaning the lamp unit glass” below. 7. Using a manual screwdriver, tighten two lamp unit screws. Note:Hand-tighten only. Do not use an electric screw- driver. - 11 - TV back loosen screw using manual screwdriver Lamp unit door detail Lamp unit screws Note: Wear so ft, lint-free gloves when replacing the lamp unit. Lamp unit screws (use manual screwdriver only) |