| Moteur de recherche de fiches techniques de composants électroniques |
|
76232103 Fiches technique(PDF) 19 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 Fiches technique(HTML) 19 Page - Toshiba Semiconductor |
|
19 / 34 page ![]() Location Parts No. Description No. Location Parts No. Description No. – 19 – R614 76011103 CHIP, 1/20W 10K OHM J R615 76011104 CHIP, 1/20W 100K OHM J R616 76011822 CHIP, 1/20W 8.2K OHM J R621 76011391 CHIP, 1/20W 390 OHM J R622 76011391 CHIP, 1/20W 390 OHM J R626 76011223 CHIP, 1/20W 22K OHM J R627 76011223 CHIP, 1/20W 22K OHM J R661 76011102 CHIP, 1/20W 1K OHM J R662 76011333 CHIP, 1/20W 33K OHM J R663 76011822 CHIP, 1/20W 8.2K OHM J R665 76011223 CHIP, 1/20W 22K OHM J R666 76011473 CHIP, 1/20W 47K OHM J R667 76011223 CHIP, 1/20W 22K OHM J R668 76011473 CHIP, 1/20W 47K OHM J R671 76011102 CHIP, 1/20W 1K OHM J R672 76011333 CHIP, 1/20W 33K OHM J R673 76011822 CHIP, 1/20W 8.2K OHM J R674 76011472 CHIP, 1/20W 4.7K OHM J R676 76011104 CHIP, 1/20W 100K OHM J R677 76011104 CHIP, 1/20W 100K OHM J R681 76011222 CHIP, 1/20W 2.2K OHM J R682 76011473 CHIP, 1/20W 47K OHM J R683 76011223 CHIP, 1/20W 22K OHM J R684 76011223 CHIP, 1/20W 22K OHM J R687 76011103 CHIP, 1/20W 10K OHM J R688 76011224 CHIP, 1/20W 220K OHM J R693 76000445 CHIP JUMPER, 1608TYPE R697 76553561 OXIDE METAL FILM, 1W 560 OHM J R698 76011103 CHIP, 1/20W 10K OHM J R699 76011103 CHIP, 1/20W 10K OHM J R810 76568479 CERAMIC COVERED, 7W 4.7 OHM J R811 76120001 CEMENT RES 141C 2.1W 1R8 K R840 76552562 OXIDE METAL FILM, 1/2W 5.6K OHM J R841 76366102 CARBON FILM, 1/6W 1K OHM J R842 76376563 CARB0N FILM, 1/2W 56K OHM J R843 76376563 CARB0N FILM, 1/2W 56K OHM J R844 76366103 CARBON FILM, 1/6W 10K OHM J R845 76366102 CARBON FILM, 1/6W 1K OHM J R846 76366471 CARBON FILM, 1/6W 470 OHM J R847 76366473 CARBON FILM, 1/6W 47K OHM J R848 76366102 CARBON FILM, 1/6W 1K OHM J R849 76552470 OXIDE METAL FILM, 1/2W 47 OHM J R850 76366103 CARBON FILM, 1/6W 10K OHM J R860 76382101 OXIDE METAL FILM, 1W 100 OHM J R861 76383333 OXIDE METAL FILM, 2W 33K OHM J R862 76019463 METAL PLATE, 2W 0.22 OHM J R863 76019461 METAL PLATE, 2W 0.15 OHM J R864 76321828 METAL FILM, 1/2W 0.82 OHM J R865 76381221 OXIDE METAL FILM, 1/2W 220 OHM J R866 76366681 CARBON FILM, 1/6W 680 OHM J R867 76366152 CARBON FILM, 1/6W 1.5K OHM J R868 76555473 OXIDE METAL FILM, 3W 47K OHM J R869 76366152 CARBON FILM, 1/6W 1.5K OHM J R870 76366154 CARBON FILM, 1/6W 150K OHM J R881 76366222 CARBON FILM, 1/6W 2.2K OHM J R882 76366471 CARBON FILM, 1/6W 470 OHM J R885 76366102 CARBON FILM, 1/6W 1K OHM J R886 76000525 METAL FILM, 1/4W 4.7K OHM F R887 76367683 CARBON FILM, 1/6W 68K OHM G R888 76000525 METAL FILM, 1/4W 4.7K OHM F R889 76383222 OXIDE METAL FILM, 2W 2.2K OHM J R891 76555331 OXIDE METAL FILM, 3W 330 OHM J R892 76555331 OXIDE METAL FILM, 3W 330 OHM J R899 76005014 METAL FILM, 1W 8.2M OHM J R8200 76367390 CARBON FILM, 1/6W 390 OHM G R8210 76000147 METAL FILM, 1/4W 470 OHM F R8211 76000219 METAL FILM, 1/4W 10 OHM F R8220 76367390 CARBON FILM, 1/6W 390 OHM G R8240 76000635 METAL FILM, 1/4W 12K OHM F R8241 76000529 RESIST0R, METAL FILM, 1/4W 6.8K OHM F R8242 76367471 CARBON FILM, 1/6W 470 OHM G R8250 76000145 METAL FILM, 1/4W 330 OHM F R8251 76000145 METAL FILM, 1/4W 330 OHM F R8252 76367392 CARBON FILM, 1/6W 3.9K OHM G R8902 76366333 CARBON FILM, 1/6W 33K OHM J R8903 76366333 CARBON FILM, 1/6W 33K OHM J R8904 76366472 CARBON FILM, 1/6W 4.7K OHM J R8905 76366681 CARBON FILM, 1/6W 680 OHM J R8908 76366104 CARBON FILM, 1/6W 100K OHM J R8910 76366472 CARBON FILM, 1/6W 4.7K OHM J R8911 76366103 CARBON FILM, 1/6W 10K OHM J R8912 76366223 CARBON FILM, 1/6W 22K OHM J R8913 76366334 CARBON FILM, 1/6W 330K OHM J R8914 76366223 CARBON FILM, 1/6W 22K OHM J R8915 76366102 CARBON FILM, 1/6W 1K OHM J R8922 76366122 CARBON FILM, 1/6W 1.2K OHM J R8931 76367123 CARBON FILM, 1/6W 12K OHM G R8932 76367182 CARBON FILM, 1/6W 1.8K OHM G R8934 76367472 CARBON FILM, 1/6W 4.7K OHM G R8941 76367123 CARBON FILM, 1/6W 12K OHM G R8942 76367182 CARBON FILM, 1/6W 1.8K OHM G R8944 76367472 CARBON FILM, 1/6W 4.7K OHM G R8950 76366103 CARBON FILM, 1/6W 10K OHM J R8951 76366103 CARBON FILM, 1/6W 10K OHM J RA44 76011105 CHIP, 1/20W 1M OHM J RA48 76011105 CHIP, 1/20W 1M OHM J RA51 76011105 CHIP, 1/20W 1M OHM J RA53 76011105 CHIP, 1/20W 1M OHM J RA55 76011105 CHIP, 1/20W 1M OHM J RA57 76011105 CHIP, 1/20W 1M OHM J RA61 76011222 CHIP, 1/20W 2.2K OHM J RA62 76011222 CHIP, 1/20W 2.2K OHM J RA63 76011222 CHIP, 1/20W 2.2K OHM J RA64 76011222 CHIP, 1/20W 2.2K OHM J RA65 76011222 CHIP, 1/20W 2.2K OHM J RA66 76011222 CHIP, 1/20W 2.2K OHM J RA67 76011222 CHIP, 1/20W 2.2K OHM J RA68 76011222 CHIP, 1/20W 2.2K OHM J RA71 76011822 CHIP, 1/20W 8.2K OHM J RA72 76011153 CHIP, 1/2OW 15K OHM J RA73 76011273 CHIP, 1/20W 27K OHM J RA75 76011822 CHIP, 1/20W 8.2K OHM J RA76 76011153 CHIP, 1/2OW 15K OHM J RA77 76011114 CHIP, 1/20W 110K OHM J RA81 76011104 CHIP, 1/20W 100K OHM J RA82 76011104 CHIP, 1/20W 100K OHM J RA83 76011104 CHIP, 1/20W 100K OHM J RA84 76011104 CHIP, 1/20W 100K OHM J RA85 76011104 CHIP, 1/20W 100K OHM J RA86 76011104 CHIP, 1/20W 100K OHM J RA87 76011104 CHIP, 1/20W 100K OHM J RA88 76011104 CHIP, 1/20W 100K OHM J RA91 76011623 CHIP, 1/20W 62K OHM J RA94 76000445 CHIP JUMPER, 1608TYPE RA95 76011623 CHIP, 1/20W 62K OHM J RA98 76000445 CHIP JUMPER, 1608TYPE RB15 76366471 CARBON FILM, 1/6W 470 OHM J RB19 76366470 CARBON FILM, 1/6W 47 OHM J RB81 76011222 CHIP, 1/20W 2.2K OHM J RB82 76011471 CHIP, 1/20W 470 OHM J RB83 76011102 CHIP, 1/20W 1K OHM J RB84 76011473 CHIP, 1/20W 47K OHM J RB87 76011394 CHIP, 1/20W 390K OHM J RB88 76011394 CHIP, 1/20W 390K OHM J RB89 76011103 CHIP, 1/20W 10K OHM J RB90 76011302 CHIP, 1/20W 3K OHM J RB92 76011473 CHIP, 1/20W 47K OHM J RB93 76011102 CHIP, 1/20W 1K OHM J RS01 76011562 CHIP, 1/20W 5.6K OHM J RS02 76011562 CHIP, 1/20W 5.6K OHM J RS03 76011101 CHIP, 1/20W 100 OHM J RS04 76011101 CHIP, 1/20W 100 OHM J RS05 76011562 CHIP, 1/20W 5.6K OHM J RS06 76011562 CHIP, 1/20W 5.6K OHM J RS07 76011562 CHIP, 1/20W 5.6K OHM J RS08 76011562 CHIP, 1/20W 5.6K OHM J RS09 76011562 CHIP, 1/20W 5.6K OHM J RS10 76011562 CHIP, 1/20W 5.6K OHM J RS11 76011562 CHIP, 1/20W 5.6K OHM J RS12 76011562 CHIP, 1/20W 5.6K OHM J RS13 76011562 CHIP, 1/20W 5.6K OHM J RS14 76011562 CHIP, 1/20W 5.6K OHM J |