Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

76232103 Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce 76232103
Description  Projection Television
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 5Page - Toshiba Semiconductor 76232103 Datasheet HTML 6Page - Toshiba Semiconductor 76232103 Datasheet HTML 7Page - Toshiba Semiconductor 76232103 Datasheet HTML 8Page - Toshiba Semiconductor 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor 76232103 Datasheet HTML 12Page - Toshiba Semiconductor 76232103 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
1.
Turn off the TV and unplug the power cord.
2.
STOP! Allow the lamp to cool for at least one (1) hour
before replacing it.
3.
On the back of the TV, loosen the thumb screw (by hand)
on the lamp unit door, and then remove the lamp unit
door.
4.
Using a manual screwdriver, loosen two screws on the
lamp unit.
5.
Grasp the lamp unit handle and gently pull the lamp unit
straight out of the TV. Set the old lamp unit aside.
6.
Carefully insert the new lamp unit straight into the TV
until it is fully seated.
Note :
Never subject the lamp unit to excessive shock.
Never touch the lamp unit glass or otherwise get it
dirty.
Doing so may affect the image quality and reduce
the service life of the lamp. See “Cleaning the lamp
unit glass” below.
7.
Using a manual screwdriver, tighten two lamp unit
screws.
Note:Hand-tighten only. Do not use an electric screw-
driver.
- 9 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34