Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD6283TX Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 43Page - STMicroelectronics VD6283TX Datasheet HTML 44Page - STMicroelectronics VD6283TX Datasheet HTML 45Page - STMicroelectronics VD6283TX Datasheet HTML 46Page - STMicroelectronics VD6283TX Datasheet HTML 47Page - STMicroelectronics VD6283TX Datasheet HTML 48Page - STMicroelectronics VD6283TX Datasheet HTML 49Page - STMicroelectronics VD6283TX Datasheet HTML 50Page - STMicroelectronics VD6283TX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
10.3
Optical BGA 6-ball reflowable package information
Figure 22. Optical BGA 6-ball reflowable package outline
Table 23. Optical BGA 6-ball reflowable mechanical data
Ref.
Symbol
Dimension (µm)
Min.
Typ.
Max.
Package body dimension X
A
1807
1832
1857
Package body dimension Y
B
983
1008
1033
Package height
C
495
555
615
Ball height
C1
90
120
150
Package body thickness
C2
390
435
480
Thickness of glass surface to wafer
C3
285
305
325
Ball diameter
D
170
200
230
Total ball count
N
6
Ball count X-axis
N1
3
Ball count Y-axis
N2
2
Ball pitch X-axis
J1
450
Ball pitch Y-axis
J2
450
Edge-to-ball center distance along X
S1
436
466
496
Edge-to-ball center distance along Y
S2
249
279
309
VD6283TX
Optical BGA 6-ball reflowable package information
DS13735 - Rev 1
page 47/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59