Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD6283TX Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 42Page - STMicroelectronics VD6283TX Datasheet HTML 43Page - STMicroelectronics VD6283TX Datasheet HTML 44Page - STMicroelectronics VD6283TX Datasheet HTML 45Page - STMicroelectronics VD6283TX Datasheet HTML 46Page - STMicroelectronics VD6283TX Datasheet HTML 47Page - STMicroelectronics VD6283TX Datasheet HTML 48Page - STMicroelectronics VD6283TX Datasheet HTML 49Page - STMicroelectronics VD6283TX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
ECOPACK®2
The VD6283 is an ECOPACK® grade 2 product.
10.2
Tape and reel outline drawing
Figure 21. Tape and reel
Ball A1
(balls on bottom and glass on top)
Note:
The drawing above is proposed. The dimensions may vary slightly from the actual carrier.
VD6283TX
Package information
DS13735 - Rev 1
page 46/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59