| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSTTR Fiches technique(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSTTR Fiches technique(HTML) 109 Page - STMicroelectronics |
|
109 / 180 page ![]() DocID033525 Rev 2 109/180 LSM6DST Register description 180 9.61 UI_CTRL1_OIS (70h) OIS configuration register. The primary interface can write this register when the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS (01h) register is equal to 1 (Primary IF Full control mode); this register is read-only when the OIS_CTRL_FROM_UI bit is equal to 0 (SPI2 Full control mode) and shows the content of the SPI2_CTRL1_OIS (70h) register. Table 167. UI_CTRL1_OIS register description DEN mode selection can be done using the LVL1_OIS bit of register UI_CTRL1_OIS (70h) and the LVL2_OIS bit of register UI_INT_OIS (6Fh). DEN mode on the OIS path is active in the gyroscope only. Table 166. UI_CTRL1_OIS register 0(1) 1. This bit must be set to '0' for the correct operation of the device. LVL1_OIS SIM_OIS Mode4_ EN FS1_G_ OIS FS0_G_ OIS FS_125_ OIS OIS_EN_ SPI2 LVL1_OIS Enables level-sensitive trigger mode on OIS chain. Default value: 0 SIM_OIS SPI2 3- or 4-wire interface. Default value: 0 (0: 4-wire SPI2; 1: 3-wire SPI2) Mode4_EN Enables accelerometer OIS chain. When the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS (01h) register is equal to 1 (Primary IF Full control mode enabled), the accelerometer OIS outputs are available through the primary interface in registers UI_OUTX_L_A_OIS (50h) and UI_OUTX_H_A_OIS (51h) through UI_OUTZ_L_A_OIS (54h) and UI_OUTZ_H_A_OIS (55h) and UI_STATUS_REG_OIS (49h). Note: OIS_EN_SPI2 must be enabled (i.e. set to ‘1’) to enable also XL OIS chain. FS[1:0]_G_ OIS Selects gyroscope OIS chain full-scale (00: ±250 dps; 01: ±500 dps; 10: ±1000 dps; 11: ±2000 dps) FS_125_OIS Selects gyroscope OIS chain full-scale ±125 dps (0: FS selected through bits FS[1:0]_OIS_G; 1: ±125 dps) OIS_EN_SPI2 Enables OIS chain data processing for gyro in Mode 3 and Mode 4 (mode4_en = 1) and accelerometer data in and Mode 4 (mode4_en = 1). When the OIS_CTRL_FROM_UI bit in FUNC_CFG_ACCESS (01h) register is equal to 1 (Primary IF Full control mode enabled), the gyroscope OIS outputs are available through the primary interface in registers UI_OUTX_L_G_OIS (4Ah) and UI_OUTX_H_G_OIS (4Bh) through UI_OUTZ_L_G_OIS (4Eh) and UI_OUTZ_H_G_OIS (4Fh) and UI_STATUS_REG_OIS (49h), and LPF1 is dedicated to this chain. Table 168. DEN mode selection LVL1_OIS, LVL2_OIS DEN mode 10 Level-sensitive trigger mode is selected 11 Level-sensitive latched mode is selected |