Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSOX Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Fiches technique(HTML) 2 Page - STMicroelectronics

  LSM6DSOX Datasheet HTML 1Page - STMicroelectronics LSM6DSOX Datasheet HTML 2Page - STMicroelectronics LSM6DSOX Datasheet HTML 3Page - STMicroelectronics LSM6DSOX Datasheet HTML 4Page - STMicroelectronics LSM6DSOX Datasheet HTML 5Page - STMicroelectronics LSM6DSOX Datasheet HTML 6Page - STMicroelectronics LSM6DSOX Datasheet HTML 7Page - STMicroelectronics LSM6DSOX Datasheet HTML 8Page - STMicroelectronics LSM6DSOX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 199 page
background image
while the IC interfaces are developed using CMOS technology that allows the design
of a dedicated circuit which is trimmed to better match the characteristics of the
sensing element.
The LSM6DSOX has a full-scale acceleration range of ±2/±4/±8/±16 g and an
angular rate range of ±125/±250/±500/±1000/±2000 dps.
The LSM6DSOX fully supports EIS and OIS applications as the module includes a
dedicated configurable signal processing path for OIS and auxiliary SPI, configurable
for both the gyroscope and accelerometer. The LSM6DSOX OIS can be configured
from the Auxiliary SPI and primary interface (SPI / I²C & MIPI I3CSM).
High robustness to mechanical shock makes the LSM6DSOX the preferred choice of
system designers for the creation and manufacturing of reliable products. The
LSM6DSOX is available in a plastic land grid array (LGA) package.
LSM6DSOX
DS12814 - Rev 3
page 2/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More