Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSOX Fiches technique(PDF) 198 Page - STMicroelectronics

No de pièce LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Fiches technique(HTML) 198 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 191Page - STMicroelectronics LSM6DSOX Datasheet HTML 192Page - STMicroelectronics LSM6DSOX Datasheet HTML 193Page - STMicroelectronics LSM6DSOX Datasheet HTML 194Page - STMicroelectronics LSM6DSOX Datasheet HTML 195Page - STMicroelectronics LSM6DSOX Datasheet HTML 196Page - STMicroelectronics LSM6DSOX Datasheet HTML 197Page - STMicroelectronics LSM6DSOX Datasheet HTML 198Page - STMicroelectronics LSM6DSOX Datasheet HTML 199Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 198 / 199 page
background image
List of figures
Figure 1.
Generic state machine............................................................... 5
Figure 2.
State machine in the LSM6DSOX ....................................................... 5
Figure 3.
Machine Learning Core in the LSM6DSOX ................................................ 6
Figure 4.
Pin connections ................................................................... 7
Figure 5.
LSM6DSOX connection modes ........................................................ 8
Figure 6.
SPI slave timing diagram (in mode 3) ................................................... 14
Figure 7.
I²C slave timing diagram ............................................................ 15
Figure 8.
Read and write protocol (in mode 3) .................................................... 20
Figure 9.
SPI read protocol (in mode 3) ......................................................... 21
Figure 10.
Multiple byte SPI read protocol (2-byte example) (in mode 3) ................................... 21
Figure 11.
SPI write protocol (in mode 3)......................................................... 22
Figure 12.
Multiple byte SPI write protocol (2-byte example) (in mode 3) ................................... 22
Figure 13.
SPI read protocol in 3-wire mode (in mode 3) .............................................. 22
Figure 14.
I²C and I3C both active (INT1 pin not connected) ........................................... 25
Figure 15.
Only I3C active (INT1 pin connected to VDD_IO) ........................................... 25
Figure 16.
Block diagram of filters ............................................................. 28
Figure 17.
Accelerometer UI chain ............................................................. 28
Figure 18.
Accelerometer composite filter ........................................................ 29
Figure 19.
Accelerometer chain with Mode 4 enabled ................................................ 30
Figure 20.
Gyroscope digital chain - Mode 1 (UI/EIS) and Mode 2 ....................................... 31
Figure 21.
Gyroscope digital chain - Mode 3 / Mode 4 (OIS/EIS) ........................................ 32
Figure 22.
Auxiliary SPI full control (a) and enabling primary interface (b) .................................. 34
Figure 23.
OIS Primary interface full control....................................................... 35
Figure 24.
LSM6DSOX electrical connections in Mode 1 .............................................. 39
Figure 25.
LSM6DSOX electrical connections in Mode 2 .............................................. 40
Figure 26.
LSM6DSOX electrical connections in Mode 3 and Mode 4 (auxiliary 3/4-wire SPI)..................... 41
Figure 27.
Accelerometer block diagram ......................................................... 64
Figure 28.
LGA-14L 2.5x3x0.86 mm package outline and mechanical data ................................ 175
Figure 29.
Carrier tape information for LGA-14 package ............................................. 176
Figure 30.
LGA-14 package orientation in carrier tape............................................... 176
Figure 31.
Reel information for carrier tape of LGA-14 package ........................................ 177
LSM6DSOX
List of figures
DS12814 - Rev 3
page 198/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More