| Moteur de recherche de fiches techniques de composants électroniques |
|
A111-001-R Fiches technique(PDF) 26 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A111-001-R Fiches technique(HTML) 26 Page - Acconeer AB |
|
26 / 35 page ![]() A111 Pulsed Coherent Radar (PCR) Datasheet, v2.8 © 2022 Copyright by Acconeer 2022-06-22 Page 26 of 35 10 Regulatory Approval To be noted is that some regulatory specifications also specify the usage of the sensor, so users of the sensor must check regulatory requirements for their own use case and determine if the regulatory approvals described below are sufficient. 10.1ETSI Hereby, Acconeer declares that the A111 sensor is compliant with directive 2014/53/EU. 10.1.1 EU type examination certificate |