Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PWD5F60 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button PWD5F60 Datasheet HTML 17Page - STMicroelectronics PWD5F60 Datasheet HTML 18Page - STMicroelectronics PWD5F60 Datasheet HTML 19Page - STMicroelectronics PWD5F60 Datasheet HTML 20Page - STMicroelectronics PWD5F60 Datasheet HTML 21Page - STMicroelectronics PWD5F60 Datasheet HTML 22Page - STMicroelectronics PWD5F60 Datasheet HTML 23Page - STMicroelectronics PWD5F60 Datasheet HTML 24Page - STMicroelectronics PWD5F60 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
9
Ordering information
Table 11. Device summary
Order code
Package
Packaging
PWD5F60
VFQFPN 15 x 7 x 1 mm
Tray
PWD5F60TR
VFQFPN 15 x 7 x 1 mm
Tape and Reel
PWD5F60
Ordering information
DS12543 - Rev 1
page 21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26