| Moteur de recherche de fiches techniques de composants électroniques |
|
CS43131 Fiches technique(PDF) 72 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43131 Fiches technique(HTML) 72 Page - Cirrus Logic |
|
72 / 156 page ![]() 72 DS1155F1 CS43131 5.11 Sequences for Using the PCM Channel Swap Bit 5.11 Sequences for Using the PCM Channel Swap Bit The following subsections describe sequences for enabling and disabling the PCM_SWAP_CHAN bit. 5.11.1 Sequence for Enabling the PCM_SWAP_CHAN Bit 5.11.2 Sequence for Disabling the PCM_SWAP_CHAN Bit STEP TASK REGISTER/BIT FIELDS VALUE DESCRIPTION 1 Swap channel A/B calibration 0x180005 0x8C 0x180007 0xAB 0x180015 0x31 0x180017 0xB2 0x180025 0x30 0x180027 0x84 0x180035 0x9C 0x180037 0xAE 0x18000D 0x24 0x18000F 0xA3 0x18001D 0x05 0x18001F 0xD4 0x18002D 0x0B 0x18002F 0xC7 0x18003D 0x71 0x18003F 0xE7 2 Enable PCM channel swap PCM Path Signal Control 2. 0x90004 data (0x90004) OR (0x02) Reserved PCM_INV_A PCM_INV_B PCM_SWAP_CHAN PCM_COPY_CHAN 0000 x x 1 x Enable PCM channel swap STEP TASK REGISTER/BIT FIELDS VALUE DESCRIPTION 1 Restore channel A/B calibration 0x180005 0x24 0x180007 0xA3 0x180015 0x05 0x180017 0xD4 0x180025 0x0B 0x180027 0xC7 0x180035 0x71 0x180037 0xE7 0x18000D 0x8C 0x18000F 0xAB 0x18001D 0x31 0x18001F 0xB2 0x18002D 0x30 0x18002F 0x84 0x18003D 0x9C 0x18003F 0xAE 2 Disable PCM channel swap PCM Path Signal Control 2. 0x90004 data (0x90004) AND (0xFD) Reserved PCM_INV_A PCM_INV_B PCM_SWAP_CHAN PCM_COPY_CHAN 0000 x x 0 x Disable PCM channel swap |