Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L4CD Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 22Page - STMicroelectronics VL53L4CD Datasheet HTML 23Page - STMicroelectronics VL53L4CD Datasheet HTML 24Page - STMicroelectronics VL53L4CD Datasheet HTML 25Page - STMicroelectronics VL53L4CD Datasheet HTML 26Page - STMicroelectronics VL53L4CD Datasheet HTML 27Page - STMicroelectronics VL53L4CD Datasheet HTML 28Page - STMicroelectronics VL53L4CD Datasheet HTML 29Page - STMicroelectronics VL53L4CD Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
8
Laser safety considerations
The VL53L4CD contains a laser emitter and corresponding drive circuitry. The laser output is designed to remain
within Class 1 laser safety limits under all reasonably foreseeable conditions including single faults in compliance
with IEC 60825-1:2014 (third edition).
The laser output remains within Class 1 limits as long as STMicroelectronics’s recommended device settings are
used and the operating conditions specified are respected (particularly the maximum timing budget, as described
in the user manual .
The laser output power must not be increased by any means and no optics should be used with the intention of
focusing the laser beam.
Caution:
Use of controls or adjustments or performance of procedures other than those specified herein may result in
hazardous radiation exposure.
Figure 23. Class 1 laser product label
VL53L4CD
Laser safety considerations
DS13812 - Rev 5
page 26/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37